Part Number Hot Search : 
BYM26DZ STD25 R2812S E105M MB8841H LF514RU 1255BU ITR20005
Product Description
Full Text Search
 

To Download LNX2V182MSEF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
NX
Screw Terminal Type, High ripple longer life. series
Suited for use in industrial power supplies for inverter circuitry, etc. High ripple current, extra-high voltage application. High reliability, long life for 20,000 hours application of rated ripple current at +85C. Extended range up to 100 x 250L size. Flame retardant electroly to type available. Bushing type for better vibration and insulation also available. Available for adapted to the RoHS directive (2002/95/EC).
QR
High Speed chargedischarge
NX
Long life
NR
Specifications
Item Performance Characteristics
Category Temperature Range Rated Voltage Range Rated Capacitance Range
Capacitance Tolerance Leakage Current
tan
- 25 ~ +85C
350 ~ 630V 1000 ~ 27000F 20% at 120Hz, 20C
After 5 minutes' application of rated voltage, leakage current is not more than 3 CV (A) or 5 mA, whichever is smaller (at 20C). [C : Rated Capacitance(F), V : Voltage ( V ) ] See P225 (Measurement frequency : 120Hz, Rated voltage (V) Temperature : 20C) 350 ~ 630 Z - 25C / Z+20C 8
Measurement frequency : 120Hz
Stability at Low Temperature
Impedance ratio ZT/Z20(MAX.)
Endurance
After an application of DC voltage (in the range of rated voltage even after over-lapping the standard ripple current) for 20,000 hours at 85C, capacitors shall meet the characteristics requirements indicated at right. (2000 hours at 85C for the parts rated at 630V, 5000 hours at 85C for the parts rated at 500V and 550V) After an application of DC voltage (in the range of rated DC voltage even after Capacitance change Within 20% of initial value over-lapping the maximum allowable ripple current) for 5000 hours at 85C, tan 300% or less of initial specified value capacitors meet the characteristic requirements listed at right. Leakage current Initial specified value or less After storing the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on black sleeve.
Shelf Life Marking
Drawing
Method mount metal bracket
Bottom plate Sleeve
Method to mount resin bushing (76.2 ) (Apply to L=150 or more)
Hexagenal headed bolt
120
Pressure relief vent
Bottom plate
Sleeve
Resin bushing Hexagenal headed bolt
B4.5
Pressure relief vent
31.81
83.7
D +2MAX
W1
88.2
h H 1 L+ MAX.
1
B
P 2 A 2
U S
T
U
L+3MAX.
74.4
105 120
S
Bottom plate Sleeve
Method to mount resin bushing (90) (Apply to L=150 or more)
Resin bushing Hexagenal headed bolt 120
B 3-leg brackets for 90 capacitors have different hole shapes from the ordinary ones illustrated below.
T
Pressure relief vent
31.81
A 2
P
102.5
P
95.5
Pressure relief vent
30
7
5
L+3MAX.
65.7
57.5 63.5
B6.0
Dimension of terminal pitch (W) and length (R) and Nominal dia.of bolt
D 51 63.5 76.2 90 100 W 22.0 28.6 31.8 31.8 41.5 R 6 6 6 6 10 3 3 3 3 4 M5 M5 M5 M5 M8
(mm)
Type numbering system (Example : 450V 2200F)
Nominal dia. of bolt
L NX 2W 2 2 2 M SE
1 2 3 4 5 6 7 8 9 10 11 12 13 14
Case dia. code Code less 3-leg brackets
(f
Mounting bracket 51~ 90)
f
Dimensions of mounting bracket Leg shape 3--Leg
Symbol
(mm) 2--Leg
90 50.8 58.5 8.0 5.0 18 60 35 25 100 56.3 62 8.0 5.0 16 60 36 30 51 33.2 40 6.0 4.5 14 30 25 15 63.5 40.5 46.5 7.0 4.5 14 30 35 20 76.2 46.5 53 6.0 4.5 14 30 35 20 90 53 59 6.0 4.5 14 30 35 20
D
P A T S U
H h
51 32.5 38.5 7.5 5.0 12 60 20 15
63.5 38.1 43 8.0 5.0 14 60 25 20
76.2 44.5 49.2 7.0 5.0 14 60 30 24
Configuration SE
51 Configuration Capacitance tolerance (20%) 63.5 Rated Capacitance (2200mF) 76.2 90 Rated voltage (450V) 100 Series name Type
Cr (81) Plating
BD
BB Code BN F 100) G H Code less BN J K
(f
2-leg brackets No brackets 3-leg brackets No brackets
Cr (111) Plating (RoHS compliant)
Resin bushing available upon request.
Please contact to us if PVC less products are required.
SM
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
NX
V (Surge) (Code)
series
Dimensions
Cap.(F) Case size DxL(mm) Standard ripple (Arms) 1 Rated ripple (Arms) 2 Leakage tan current (MAX) (mA MAX) 3 Code
V (Surge) (Code)
Cap.(F)
Case size DxL(mm)
Standard ripple (Arms) 1
Rated ripple (Arms) 2
Leakage tan current (MAX) (mA MAX) 3
Code
1000 1200 1500 1800 2200 2700 3300 3900 350V (400) (2V) 4700 5600 6800 8200 10000 12000 15000 18000 22000 27000 1000 1200 1500 1800 2200 2700 3300 3900 400V (450) (2G) 4700 5600 6800 8200 10000 12000 15000 18000 22000
Frequency (Hz)
51 x 60 51 x 700 51 x 800 51 x 900 51 x 110 51 x 130 63.5 x 900 51 x 150 63.5 x 100 63.5 x 110 76.2 x 900 63.5 x 130 76.2 x 100 63.5 x 150 76.2 x 110 63.5 x 170 76.2 x 130 76.2 x 150 90 x 130 76.2 x 170 90 x 150 76.2 x 190 90 x 150 90 x 190 90 x 220 100 x 220 100 x 250 51 x 700 51 x 800 51 x 100 51 x 110 51 x 130 63.5 x 900 63.5 x 110 76.2 x 900 63.5 x 130 76.2 x 100 63.5 x 150 76.2 x 100 63.5 x 170 76.2 x 130 63.5 x 190 76.2 x 150 76.2 x 170 90 x 130 76.2 x 190 90 x 150 76.2 x 220 90 x 170 90 x 190 100 x 190 100 x 220 100 x 250 60 0.82 120 1.00
3.5 4.2 4.9 5.6 6.7 8.0 7.7 9.2 9.0 10.4 10.3 12.0 11.9 14.0 13.5 16.3 16.0 18.7 18.2 21.8 21.3 25.1 24.8 29.0 32.4 38.0 42.0 3.8 4.5 5.3 6.0 7.0 6.8 8.2 8.1 9.6 9.3 11.0 10.5 12.6 12.3 14.7 14.3 16.7 16.3 19.3 19.0 22.7 22.2 25.5 29.6 33.0 41.4 360 1.20
4.6 5.3 6.3 7.3 8.8 10.3 9.9 12.1 11.8 12.5 12.2 14.8 14.0 17.0 16.4 19.6 19.1 22.0 21.4 25.5 25.3 29.1 28.8 36.0 39.7 43.2 47.0 5.0 5.8 6.8 8.2 9.3 8.9 10.8 10.6 12.9 12.4 14.4 13.9 16.6 16.0 18.8 18.3 21.2 20.7 24.1 23.7 28.3 28.0 31.9 37.0 40.5 44.7
0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 1k 1.35
1.77 1.94 2.17 2.38 2.63 2.92 2.92 3.22 3.22 3.50 3.50 3.85 3.85 4.20 4.20 4.63 4.63 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 1.90 2.08 2.32 2.55 2.81 2.81 3.12 3.12 3.45 3.45 3.75 3.75 4.11 4.11 4.49 4.49 4.95 4.95 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 10k~ 1.40
LNX2V102MSEF LNX2V122MSEF LNX2V152MSEF LNX2V182MSEF LNX2V222MSEF LNX2V272MSEF LNX2V272MSEG LNX2V332MSEF LNX2V332MSEG LNX2V392MSEG LNX2V392MSEH LNX2V472MSEG LNX2V472MSEH LNX2V562MSEG LNX2V562MSEH LNX2V682MSEG LNX2V682MSEH LNX2V822MSEH LNX2V822MSEJ LNX2V103MSEH LNX2V103MSEJ LNX2V123MSEH LNX2V123MSEJ LNX2V153MSEJ LNX2V183MSEJ LNX2V223MSEK LNX2V273MSEK LNX2G102MSEF LNX2G122MSEF LNX2G152MSEF LNX2G182MSEF LNX2G222MSEF LNX2G222MSEG LNX2G272MSEG LNX2G272MSEH LNX2G332MSEG LNX2G332MSEH LNX2G392MSEG LNX2G392MSEH LNX2G472MSEG LNX2G472MSEH LNX2G562MSEG LNX2G562MSEH LNX2G682MSEH LNX2G682MSEJ LNX2G822MSEH LNX2G822MSEJ LNX2G103MSEH LNX2G103MSEJ LNX2G123MSEJ LNX2G153MSEK LNX2G183MSEK LNX2G223MSEK
1000 1200 1500 1800 2200 2700 3300 450V (500) (2W) 3900 4700 5600 6800 8200 10000 12000 15000 18000 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600
500V (550) (2H)
550V (600) (2L)
Frequency coefficient of rated ripple current
Coefficient
(
(
1) * Standard ripple current: Ripple current value allowable for the life time of 20,000 hours at 85C. (5,000 hours at 85C for the voltage rating of 500V and 550V. 2,000 hours at 85C for the voltage rating of 630V) 2) * Maximum rated ripple current: Ripple current value allowable for the life time of 5,000 hours at 85C. * Estimated life time of capacitor is calculated by the following formula, taking the operating temperature, inner temperature rise due to the ripple and derated voltage into consideration. T 85 -T -- 10 K
630V (680) (2J)
51 x 800 51 x 100 51 x 110 51 x 130 63.5 x 900 63.5 x 110 76.2 x 900 63.5 x 130 76.2 x 100 63.5 x 150 76.2 x 110 63.5 x 170 76.2 x 130 63.5 x 190 76.2 x 150 76.2 x 170 90 x 150 76.2 x 190 90 x 150 76.2 x 220 90 x 170 90 x 190 90 x 220 100 x 220 100 x 250 51 x 110 63.5 x 900 63.5 x 900 63.5 x 110 63.5 x 130 76.2 x 110 76.2 x 130 76.2 x 150 90 x 130 90 x 150 90 x 170 90 x 190 100 x 190 100 x 220 51 x 130 63.5 x 110 63.5 x 130 76.2 x 110 76.2 x 130 76.2 x 150 76.2 x 170 90 x 150 90 x 170 90 x 190 90 x 220 100 x 220 100 x 250 63.5 x 130 76.2 x 110 76.2 x 130 76.2 x 150 90 x 130 90 x 150 90 x 170 90 x 190 100 x 220 100 x 250
4.0 4.7 5.4 6.4 6.1 7.2 7.1 8.6 8.3 10.0 9.7 11.4 11.2 13.0 12.9 15.4 15.3 17.3 17.1 20.3 19.8 23.0 26.9 31.1 37.0 4.2 4.8 5.5 6.5 7.7 8.8 10.4 12.1 13.7 15.9 18.5 21.4 23.8 27.8 4.3 5.0 6.0 6.7 8.0 9.4 11.0 12.5 14.5 16.6 19.5 21.6 25.2 5.9 6.7 8.1 9.6 10.7 12.6 14.7 17.3 21.4 24.7
5.2 6.3 7.3 8.7 7.6 9.6 9.4 11.3 11.0 13.3 12.9 15.1 14.6 17.3 16.9 19.4 19.1 22.0 21.6 25.7 25.4 29.6 33.5 38.0 41.3 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- --
0.2 2.01 LNX2W102MSEF 0.2 2.20 LNX2W122MSEF 0.2 2.46 LNX2W152MSEF 0.2 2.70 LNX2W182MSEF 0.2 2.70 LNX2W182MSEG 0.2 2.98 LNX2W222MSEG 0.2 2.98 LNX2W222MSEH 0.2 3.31 LNX2W272MSEG 0.2 3.31 LNX2W272MSEH 0.2 3.66 LNX2W332MSEG 0.2 3.66 LNX2W332MSEH 0.2 3.97 LNX2W392MSEG 0.2 3.97 LNX2W392MSEH 0.2 4.36 LNX2W472MSEG 0.2 4.36 LNX2W472MSEH 0.2 4.76 LNX2W562MSEH 0.2 4.76 LNX2W562MSEJ 0.2 5.00 LNX2W682MSEH 0.2 5.00 LNX2W682MSEJ 0.2 5.00 LNX2W822MSEH 0.2 5.00 LNX2W822MSEJ 0.2 5.00 LNX2W103MSEJ 0.2 5.00 LNX2W123MSEJ 0.2 5.00 LNX2W153MSEK 0.2 5.00 LNX2W183MSEK 0.2 2.12 LNX2H102MSEF 0.2 2.32 LNX2H122MSEG 0.2 2.60 LNX2H152MSEG 0.2 2.85 LNX2H182MSEG 0.2 3.15 LNX2H222MSEG 0.2 3.49 LNX2H272MSEH 0.2 3.85 LNX2H332MSEH 0.2 4.19 LNX2H392MSEH 0.2 4.60 LNX2H472MSEJ 0.2 5.00 LNX2H562MSEJ 0.2 5.00 LNX2H682MSEJ 0.2 5.00 LNX2H822MSEJ 0.2 5.00 LNX2H103MSEK 0.2 5.00 LNX2H123MSEK 0.2 2.22 LNX2L102MSEF 0.2 2.44 LNX2L122MSEG 0.2 2.72 LNX2L152MSEG 0.2 2.98 LNX2L182MSEH 0.2 3.30 LNX2L222MSEH 0.2 3.66 LNX2L272MSEH 0.2 4.04 LNX2L332MSEH 0.2 4.39 LNX2L392MSEJ 0.2 4.82 LNX2L472MSEJ 0.2 5.00 LNX2L562MSEJ 0.2 5.00 LNX2L682MSEJ 0.2 5.00 LNX2L822MSEK 0.2 5.00 LNX2L103MSEK 0.3 2.38 LNX2J102MSEG 0.3 2.61 LNX2J122MSEH 0.3 2.92 LNX2J152MSEH 0.3 3.19 LNX2J182MSEH 0.3 3.53 LNX2J222MSEJ 0.3 3.91 LNX2J272MSEJ 0.3 4.33 LNX2J332MSEJ 0.3 4.70 LNX2J392MSEJ 0.3 5.00 LNX2J472MSEK 0.3 5.00 LNX2J562MSEK Ripple (Arms) at 85C 120Hz
Ln = L0 x 2
x2
x
(
Where, Ln : Lifetime under normal operating conditions.(h) Lo : Lifetime under maximum operating temperature of 85C and applied DC voltage. (28000h) T : Ambient temperature.(C) T : Inner temperature rise of capacitor due to ripple current(C) K : Acceleration coefficient for temperature rise due to the ripple current. when T+T 90C,K=10 when T+T>90C, K=2.5 : Life factor * Life factor due to the voltage derating shall be decided by the temperature and the applied voltage
3) Leakage current:I= 3 CV x10--3 or 5mA, whichever the smaller. I : Leakage Current (mA) C : Rated Capacitance (F) V : Voltage (V) * 3-leg bracket is furnished as standard. In case no-bracket or 2-leg bracket required, please put BN or BB at the and of type number. Ex. 3-leg bracket LNX2G472MSEH 2-leg bracket LNX2G472MSEHBB No bracket LNX2G472MSEHBN * Flame-retardant type electrolyte is also available. Please contact to Nichicon representative for the rated ripple current value.
Oper.temp. Voltage ratio
T
70C
V :
V/Vo 0.8 1.0 1.0 Applied voltage(V) Vo :
--
70CCAT.8100V


▲Up To Search▲   

 
Price & Availability of LNX2V182MSEF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X